Part Number Hot Search : 
TND942 UPD78365 SP487EEP 30100 IT1336E HPR717 VQFP1441 MAX3956
Product Description
Full Text Search
 

To Download IRPP3624-12A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRPP3624-12A POWIR+ Chipset Reference Design #0612
12Amp Single Phase Synchronous Buck POWIR+TM Chipset Reference Design using IR3624MPBF PWM & Driver IC and IRF7823 and IRF7832Z MOSFET
By Steve Oknaian, Senior Applications Engineer
www.irf.com
RD#0612
1
Table of Contents
Page Introduction ..........................................................................................3 Design Details ......................................................................................3 Start-Up Procedure ..............................................................................4 Layout Considerations .........................................................................5 Circuit Schematic .................................................................................6 Complete Bill of Materials.....................................................................7 PCB layouts .........................................................................................8-9 Electrical Efficiency & Power Loss .......................................................10 Thermal Performance & Bode Plot.......................................................11 Input & Output Ripple Waveforms........................................................12 Load Step Waveforms..........................................................................13 Power Up & Power Down Waveforms..................................................14 IRPP3637-xxA Reference Design Selector Table ................................15
www.irf.com
RD#0612
2
Introduction
The IRPP3624-12A is an optimized POWIR+TM Chipset reference design, targeted at, low power synchronous buck applications up to 12A output current. The IRPP3624-12A uses International Rectifier's IR3624MPBF single channel, 600kHz fixed switching frequency PWM controller in a 10-pin MLPD and IRF7823 and IRF7832Z MOSFET. This reference design has built-in power design expertise regarding component selection and PCB layout, and is representative of a realistic final embedded synchronous buck design, intended to simplify the design in effort without unnecessary design iterations. The design is optimized for 12V input and 1.8V output @ 12A, including considerations on layout and passive & magnetic component selection. The IRPP362412A delivers the complete 12A design in less than 0.7in2 board area at up to 84% full load electrical efficiency. International Rectifier also offers the POWIR+ Chipset on-line design tool (http://powirplus.irf.com) allowing the customization of the IRPP3624-12A reference design to meet individual requirements. Based on specific inputs, the POWIR+ Chipset on-line design tool will provide a tailored schematic and bill of materials, from which the engineer can run a full suite of on-line design simulations, and then order the fully assembled and tested customized reference design (see details on page 14).
using the MOSFET.
IRF7823
and
IRF7832Z
The 600kHz switching frequency allows the selection of reduced size power components. All the essential components that contribute to a low cost compact solution are enclosed by the rectangular box shown on the PCB, showing a total solution size of 0.625" x 1.125" (0.7"sq). The electrical connection diagram is shown in figure 1 and the corresponding circuit schematic is shown in figure 2.
+12V External Vc bias. (Optional) (J5) +1.8Vout (J4)
+1.8V Vout RTN (J3)
+12V RTN (J2) +12V External Vc bias RTN (J6)
+12V (J1)
Figure 1: IRPP3624-12AElectrical Connection Diagram
Input/Output Connections J1: J2: J3: J4: J5: Input power connection terminal Input power return preferred connection terminal Output power return preferred connection terminal Output power connection terminal External bias power connection terminal. This terminal is unused for standard reference design configuration. External bias power return preferred connection terminal. This terminal is unused for standard reference design configuration.
J6:
Design Details
The IRPP3624-12A reference design is optimized for an input voltage range of 10.8V to 13.2V and an output voltage of 1.8V at a maximum of 12A load current,
www.irf.com
RD#0612
3
Start-Up Procedure
The 12V input power is connected between terminals J1 and J2 and the 1.8V, 12A output power is obtained through terminals J3 and J4. The VCC and VC pins are the low side driver and high side driver power input pins respectively. The VCC pin also includes the housekeeping power of the PWM controller. An under-voltage lockout (UVLO) feature is associated with each of these pins, which is set to 4.2V for VCC and 3.2V for VC. A charge pump circuit comprised of C11, D1, and C12 applies adequate voltage to the VC pin to allow fast driving capability, hence reducing the switching losses of the control FET, IRF7823PBF. A 25 resistor (R11 in parallel with R12) is added in series with the charge pump circuit to maintain the VC voltage below 20V to reduce the temperature of the PWM controller IC. Upon application of the input power, the output starts ramping up to regulation within 4ms. The ramping time can be adjusted through the soft start capacitor C5. The output voltage of the synchronous buck regulator is set to 1.8V using the internal 0.6V reference voltage. The following equations are used to calculate the MOSFET power loss. Refer to the IRF7823PBF and IRF7832ZPBF datasheets to select the parametric values of the power loss equations terms. Control FET Losses: Eq (1):
PQ1 = I Q1rms 2 .RDQ1.RDn + ( I o . Qsw1 .Vin + QgQ1.Vdd + QossQ1 .Vin ).FSW I g1
Deadtime losses: Eq (3):
Ptd = VSD .I o .t d .Fsw
Total FET losses: Eq (4): PFET _ total = PQ1 + PQ 2 + Ptd Where, IQ1rms and IQ2rms are the rms currents for control and sync FETs respectively, in Amps IO is the output load current in Amps RD is the RDSON in ohms of the FETs and RDn is the normalized RDSON factor vs temperature extracted from the IRF7823PBF and IRF7832ZPBF datasheets. QSW is the FET switch charge in nC VIN is the input voltage of the sync buck converter Qg is the total gate charge in nC. Vdd is the FET drive voltage, which is 8V. Ig is the drive current which is 0.5A. QOSS is the FET output charge in nC. Qrr is the sync FET internal body diode reverse recovery charge in nC VSD is the sync FET internal body diode forward voltage drop in volts. FSW is the switching frequency of the sync buck converter in hertz. td is the dead time caused by the PWM controller IC in seconds. This parameter is specified in IR3624MPBF datasheet. For design calculations related to programming the output voltage and the soft start time, selection of input/output capacitors and output inductor and control loop compensation, refer to the guidelines outlined in the IR3624MPBF PWM controller datasheet. IR's online design tool POWIR+ should be used to customize a design for applications outside the standard 10.8V to 13.2V input range and 1.8V output, and for varied design goal objectives.
Synchronous FET Losses: Eq (2):
QossQ2 PQ2 = I Q 2 rms2 .RDQ2 .RDn + .Vin + QgQ2 .Vdd + QrrQ2 .Vin .FSW 2
www.irf.com
RD#0612
4
Layout Considerations
The IRPP3624-12A reference design PCB layout offers compact design with minimum parasitics at 600kHz switching frequency. The board is designed with 4 layers using 1 oz copper weight per layer. Figures 3a through 3d represent the layout of each layer. To minimize the parasitics, the following was observed: 1. The switch node connection path is made as short as possible by placing the output inductor L1 close to the drain of the synchronous FET. 2. The input decoupling 10uF ceramic capacitors C1 through C4, are placed across the drain of the control FET and the PGND/ 3. A solid ground plane is furnished in mid-layer 2. The connection of the signal ground to power ground is done at a single point in the bottom layer as shown in figure 3d. 4. The feedback track from the output VOUT to FB pin of the IC is routed as far away from noise generating traces as possible in mid-layer 2 as shown in figure 3c.
www.irf.com
RD#0612
5
Figure 2: Schematic Diagram for IRPP3624-12AReference Design
www.irf.com
RD#0612
6
QTY 1 1 1 4 1 3 3 1 1 1 3 3 4 2 6 1 1 1 1 1 1 1 1 1 1 2 1 1 1 1 6
REF DESIGNATOR C6 C8 C7 C5, C10, C11, C12 C13 C15, C16, C17 C1, C2, C3 C14 D1 D2 J1, J4, J5 J2, J3, J6 J1, J4, J5, J6 J2, J3 J1, J2, J3, J4, J5, J6 L1 R8 R9 R13 R5 R6 R4 R1 R3 R2 R11,R12 R16 Q1 Q2 U1 C4, C9, R7, R10, R14, R15
DESCRIPTION Capacitor, ceramic, 47pF, 50V,NPO, 5% Capacitor, ceramic, 1.8nF, 50V,X7R, 10% Capacitor, ceramic, 6.8nF,50V,X7R,10% Capacitor, ceramic, 0.1F, 50V, X7R, 10% Capacitor, ceramic, 1.0F, 16V, X5R, 10% Capacitor, ceramic, 47uF, 6.3V, X5R, 20% Capacitor, ceramic, 10uF, 16V, X5R, 20% Capacitor, POSCAP, 470uF, 6.3V 20% Schottky Diode, 30V,200mA Schottky Diode, 40V,1.5A Red Banana Jacks-Insulated Solder Terminal Black Banana Jacks-Insulated Solder Terminal Pan Head Slotted,screw 1/2" Pan Head Slotted,screw 1/4" Machine Screw Hex Nuts 0.6uH,8A,20m Resistor,thick film, 0 Resistor,thick film, 0 Resistor,thick film,0 Resistor,thick film,1, 5% Resistor,thick film,20, 1% Resistor,thick film,681, 1% Resistor,thick film,5.11k, 1% Resistor,thick film,4.22k, 1% Resistor,thick film,8.45k, 1% Resistor,thick film,49.9, 1% Resistor,thick film,6.19k, 1% N-FET,30V,8.7m,9.1nC N-FET,30V,3.8m,30nC PWM Controller Not installed
SIZE 0603 0603 0603 0603 0603 1206 1206 7343 SOT23 D64 4.44mm 4.44mm 10mm X 10mm X 4mm 0805 0603 1206 0805 0603 0603 0603 0603 0603 1206 0603 SO-8 SO-8 SO-8
MFR KOA KOA KOA TDK TDK TDK TDK SANYO IRF IRF Johnson Johnson McMaster-Carr McMaster-Carr McMaster-Carr DELTA ROHM ROHM KOA ROHM KOA KOA KOA KOA KOA KOA KOA IRF IRF IRF
PART NUMBER NPO0603HTTD470J X7R0603HTTD182K X7R0603HTTD682K C1608X7R1H104K C1608X5R1C105K C3216X5R0J476M C3216X5R1C106M 6TPB470M BAT54S 10MQ040N 108-0902-001 108-0903-001 91792A081 91792A077 91841A003 MPL104-0R6 MCR10EZHJ000 MCR03EZHJ000 RM73Z2B000 MCR10EZHJ1R0 RK73H1JLTD20R0F RK73H1JLTD6810F RK73H1JTTD5111F RK73H1JLTD4221F RK73H1JLTD8451F RK73H2B49R9F RK73H1JLTD6191F IRF7823PbF IRF7832ZPbF IR3624MPBF
Table 1 - Complete Bill of Materials for IRPP3624-12AReference Design
www.irf.com
RD#0612
7
Figure 3a: IRPP3624-12A Reference Design top layer placement and layout.
Figure 3b: IRPP3624-12A Reference Design mid-layer1 ground plane
www.irf.com
RD#0612
8
Figure 3c: IRPP3624-12A Reference Design mid-layer2 layout.
Single Point Ground
Figure 3d: IRPP3624-12A Reference Design bottom layer layout.
www.irf.com
RD#0612
9
IRPP3624-12A Efficiency
12Vin, 1.8Vout, 250C, 0LFM 85%
80%
75% Efficiency
70%
65%
60%
55% 1 2 3 4 5 6 7 8 9 10 11 12 Load Current (Amps)
Figure 4a: IRPP3624-12A Reference Design Electrical Efficiency
IRPP3624-12A System power Loss
12Vin, 1.8Vout, 250C, 0LFM 4.50
4.00
3.50 Power Loss (Watts)
3.00
2.50
2.00
1.50
1.00 1 2 3 4 5 6 7 8 9 10 11 12 Load Current (Amps)
Figure 4b: IRPP3624-12A Reference Design Power Loss Curve
www.irf.com
RD#0612
10
Figure 5: IRPP3624-12A Reference Design Thermograph at 12A load
Phase Plot, Phmargin=73
Gain Plot, F0=64kHz
Figure 6: IRPP3624-12A Reference Design Bode Plot of the Control Loop at 12A load.
www.irf.com
RD#0612
11
Figure 7: Input ripple, IO=12A
Figure 8: Output ripple, IO=12A
www.irf.com
RD#0612
12
Figure 9: Output voltage transients, 50% load step, 6A to 12A to 6A, di/dt = 2.5A/s
Figure 10: Hiccup mode, response to output short circuit
www.irf.com
RD#0612
13
Figure 11: Power up. Ch1=VIN, Ch2=VOUT, Ch3=Soft Start
Figure 12: Power down. Ch1=VIN, Ch2=VOUT, Ch3=Soft Start
www.irf.com
RD#0612
14
Part Number IRPP3624-5A
Input Voltage 12V
Output Voltage 3.3V
Output Current 5A
Switching Frequency 600kHz
Power Semi BOM IR3624M (MLPD-3x3) IRF8910 (Dual SO-8) IR3624M (MLPD-3x3) IRF7823 (SO-8) IRF7832Z (SO-8)
Delivery Time
Comments
24 - 48 hrs
IRPP3624-12A
12V
1.8V
12A
600kHz
Standard Reference Design Fixed BOM
Table 2 - Complete IRPP3624-xxA Reference Design Selector Table
www.irf.com
RD#0612
15


▲Up To Search▲   

 
Price & Availability of IRPP3624-12A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X